Part Number Hot Search : 
BTS121A V580ME1 ZX84C5V1 M78453 RFZ34 T1500 FQB19N10 PPPB0
Product Description
Full Text Search
 

To Download VN808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The VN808 is the first octal single chip high-side driver developed in VIPower M0-3 technology. Both the control and power stage use N-MOS technology. VN808 has 8 different channels with single protection and diagnostic functions integrated on a single chip. The VN808 has been developed considering the needs of the industrial process control market.
High-power capability PowerSO-36; V cc /2 compatible inputs; Junction over-temperature protection; Case over-temperature protection for thermal independence of the channel; Current limitation; Shorted load protection; Under-voltage shutdown; Protection against loss of ground; Very low stand-by current; Compliance with 6100-4-4 IEC test up to 4.4kV.
The VN808 has built-in junction over-temperature protection which is thermally independent for each of the eight channels, it has a current limitation (1.1A typical), and a fast demagnetization block clamped at -52V typical. Thanks to the built-in protection each channel is self-protected against load short-circuiting and overloading. The device is able to manage large inductive loads, however care must be taken of the power dissipation related to the switching frequency in free-wheeling conditions. Both undervoltage protection and loss of ground protection with shutdown are added. For the very first time a case over-temperature protection is integrated into the VIPower switch. The typical RDS(on) of the VN808 is 150m per channel at 25C, while the operating voltage is inside the industrial range of 10.5V to 45V.
Undervoltage
Vcc
VN808
Input 1 Input 2
Clamp
VCC -OUT Clamp
GND
Current lim. Logic
Double integrated thermal protection exists in VN808 in the form of: Junction temperature detection (TTSD) and protection, related to the single channel; Case temperature detection (TCSD) and protection, related to the whole device dissipation. The case temperature protection avoids PCB degradation if a large number of channels are overloaded. In fact the TCSD acts only on the overloaded channel; channels that are not overloaded continue to operate normally.
VCC Lamps
OUT
X8
Input 8 Status
Junction Temp Detection
Case Temp. Detec.
SPI
Valves
VN808 internal block diagram
BUS ASIC
CL CSLK RX TX
VN808
VCC [V]
10.5 to 36
Relays
VDSS [V]
41
RDS(on) [m]
8 x 150
IOUT [A]
0.7
VN808 in a typical programmable logic controller application
www.st.com/vipower


▲Up To Search▲   

 
Price & Availability of VN808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X